Part Number Hot Search : 
ENA1316 HN3C10FE 683ML IRF14 AD7828LN HMCS47CL 16R250B 4HCT40
Product Description
Full Text Search
 

To Download GNR32D621K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications product varistor type gnr32d k model n citation revision b01 total pages 5 page 1/5 released date feb. 06, 2002 revision history no rev. date dcr no. description of change rev. 1 feb. 06,2002 new release b01 2 3 4 5 6 7 8 9 10 11 12 approved by checked by edited by yu-chang huang cloud chen andy chiang
type e` e` e` e` ! BYo BYo BYo BYo model e` e` e` e` ! B B B B Yo Yo Yo Yo page 2/5 citation e` e` e` e` ! BYo BYo BYo BYo date e` e` e` e` ! BYo BYo BYo BYo subject quality approval and structure rev. e` e` e` e` ! BYo BYo BYo BYo 1. quality system approval iso9001 certificate of approval no.97-hou-aq-1382 2. structure no. item description 2.1 main material zinc oxide 2.2 coating material epoxy resin 2.3 marking gnr, part number 2.4 appearance without dirt and crack, marking should be clear d(max.) 38.0 h(max.) 56.3 t(max.) (1) f 25.4 0.5 t 0.5 0.1 l(min.) 16.5 c(max.) 3.18 w1(max.) 7.0 2.5 dimensions unit: mm (1) see page 3, dimensions table
type e` e` e` e` ! BYo BYo BYo BYo model e` e` e` e` ! B B B B Yo Yo Yo Yo page 3/5 citation e` e` e` e` ! BYo BYo BYo BYo date e` e` e` e` ! BYo BYo BYo BYo subject dimensions table rev. e` e` e` e` ! BYo BYo BYo BYo part no. t max. 32d201k 6.2 32d241k 6.4 32d271k 6.6 32d331k 6.9 32d361k 7.1 32d391k 7.3 32d431k 7.5 32d471k 7.8 32d511k 8.0 32d621k 8.7 32d681k 9.0 32d751k 9.4 32d781k 9.6 32d821k 9.8 32d911k 10.4 32d951k 10.8 32d102k 11.2 32d112k 11.8 unit:mm
type e` e` e` e` ! BYo BYo BYo BYo model e` e` e` e` ! B B B B Yo Yo Yo Yo page 4/5 citation e` e` e` e` ! BYo BYo BYo BYo date e` e` e` e` ! BYo BYo BYo BYo subject electrical characteristics rev. e` e` e` e` ! BYo BYo BYo BYo 3. electrical characteristics n0. item performance test methods 3.0 standard conditions unless otherwise specified, all tests are made under environmental conditions as given below: temperature: 5 ? 35 relative humidity: 45 ? 85 % rh 3.1 maximum allowable voltage ac : (2) vrms dc : (2) v maximum continuous sine wave(rms) or dc voltage which may be applied. 3.2 varistor voltage v 1ma : (2) v voltage across the varistor measured at c ma dc. 3.3 varistor voltage temperature coefficient 0 ? ? ? ? ? 0.05 %/ v cma at 85 v cma at 25 1 v cma at 25 60 3.4 max. clamping voltage (2) v at (2) a peak voltage across the varistor with a specified peak impulse current of 8 20 s waveform. the max. current within the varistor voltage change of less than 10% when one impulse current (8 20 s) applied. 3.5 withstanding surge current (2) a the max. current with a varistor voltage change of less than 10% when two times impulse current (8 20 s) are applied at intervals of 5 minutes. 3.6 energy (2) joule the max. energy absorbed with a varistor voltage change of less than 10% when one impulse(10 1000 s) is applied. 3.7 surge life (2) a the max. current with a varistor voltage change of less than 10% when 10,000 times impulse current (8 20 s) are applied at intervals of 20 seconds at room temperature. (2) see page 5 100
type e` e` e` e` ! BYo BYo BYo BYo model e` e` e` e` ! B B B B Yo Yo Yo Yo page 5/5 citation e` e` e` e` ! BYo BYo BYo BYo date e` e` e` e` ! BYo BYo BYo BYo subject electrical characteristics rev. e` e` e` e` ! BYo BYo BYo BYo part number maximum allowable voltage varistor voltage clamping voltage (max.) surge current (8/20 s) maximum energy (10/1000 s) surge life i tm (a) ac rms (v) dc(v) (v) (v) ip(a) 1 time 2 times w tm (joule) (a) 32d201k 130 170 185 ? 32d241k 150 200 216 ? 32d271k 175 225 243 ? 32d331k 210 275 297 ? 32d361k 230 300 324 ? 32d391k 250 320 351 ? 32d431k 275 350 387 ? 32d471k 300 385 423 ? 32d511k 320 415 459 ? 32d621k 385 505 558 ? 32d681k 420 560 612 ? 32d751k 460 615 675 ? 32d781k 485 640 702 ? 32d821k 510 670 738 ? 32d911k 550 745 819 ? 32d951k 575 765 885 ? 32d102k 625 825 900 ? 32d112k 680 895 990 ?


▲Up To Search▲   

 
Price & Availability of GNR32D621K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X